Part Number Hot Search : 
Q8008DH4 JHV368 XXXXYC 74AHC86 16011 C1008 ST72F325 C1008
Product Description
Full Text Search
 

To Download P6KE8V2A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P6KE6V8(C)A - P6KE440(C)A
Transient Voltage Suppressors P6KE6V8(C)A - P6KE440(C)A
Features * * * * *
Glass passivated junction. 600W Peak Pulse Power capability at 1.0 ms. Excellent clamping capability. Low incremental surge resistance. Fast response time; typically less than 1.0 ps from 0 volts to BV for unidirectional and 5.0 ns for bidirectional. Typical IR less than 1.0 A above 10V.
DO-15
COLOR BAND DENOTES CATHODE ON UNIDIRECTIONAL DEVICES ONLY. NO COLOR BAND ON BIDIRECTIONAL DEVICES.
*
DEVICES FOR BIPOLAR APPLICATIONS
- Bidirectional types use CA suffix. - Electrical Characteristics apply in both directions.
600 Watt Transient Voltage Suppressors
Absolute Maximum Ratings*
Symbol
PPPM IPPM PD IFSM Tstg TJ Peak Pulse Current Power Dissipation .375 " lead length @ TA = 75C Non-repetitive Peak Forward Surge Current superimposed on rated load (JEDEC method) Storage Temperature Range Operating Junction Temperature
TA = 25C unless otherwise noted
Parameter
Peak Pulse Power Dissipation at TP=1ms
Value
600 see table 5.0
(Note 1)
Units
W A W A C C
100 -65 to +175 + 175
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Note 1: Measured on 8.3 ms single half-sine wave; Duty cycle = 4 pulses per minute maximum.
2002 Fairchild Semiconductor Corporation
P6KE6V8(C)A - P6KE440(C)A, Rev. D
P6KE6V8(C)A - P6KE440(C)A
Transient Voltage Suppressors
(continued)
Electrical Characteristics
Uni-directional Bi-directional (C) Device P6KE6V8(C)A P6KE7V5(C)A P6KE8V2(C)A P6KE9V1(C)A P6KE10(C)A P6KE11(C)A P6KE12(C)A P6KE13(C)A P6KE15(C)A P6KE16(C)A P6KE18(C)A P6KE20(C)A P6KE22(C)A P6KE24(C)A P6KE27(C)A P6KE30(C)A P6KE33(C)A P6KE36(C)A P6KE39(C)A P6KE43(C)A P6KE47(C)A P6KE51(C)A P6KE56(C)A P6KE62(C)A P6KE68(C)A P6KE75(C)A P6KE82(C)A P6KE91(C)A P6KE100(C)A P6KE110(C)A P6KE120(C)A P6KE130(C)A P6KE150(C)A P6KE160(C)A P6KE170(C)A P6KE180(C)A P6KE200(C)A P6KE220(C)A P6KE250(C)A P6KE300(C)A P6KE350(C)A P6KE400(C)A P6KE440(C)A Reverse Stand-off Voltage VRWM (V) 5.80 6.40 7.02 7.78 8.55 9.4 10.2 11.1 12.8 13.6 15.3 17.1 18.8 20.5 23.1 25.6 28.2 30.8 33.3 36.8 40.2 43.6 47.8 53.0 58.1 64.1 70.1 77.8 85.5 94.0 102.0 111.0 128.0 136.0 145.0 154.0 171.0 185.0 214.0 256.0 300.0 342.0 376.0
TA = 25C unless otherwise noted
Breakdown Voltage VBR (V) min 6.45 7.13 7.79 8.65 9.50 10.5 11.4 12.4 14.3 15.2 17.1 19.0 20.9 22.8 25.7 28.5 31.4 34.2 37.1 40.9 44.7 48.5 53.2 58.9 64.6 71.3 77.9 86.5 95.0 105.0 114.0 124.0 143.0 152.0 162.0 171.0 190.0 209.0 237.0 285.0 332.0 380.0 418.0 Max 7.14 7.88 8.61 9.55 10.5 11.6 12.6 13.7 15.8 16.8 18.9 21.0 23.1 25.2 28.4 31.5 34.7 37.8 41.0 45.2 49.4 53.6 58.8 65.1 71.4 78.8 86.1 95.5 105.0 116.0 126.0 137.0 158.0 168.0 179.0 189.0 210.0 231.0 263.0 315.0 368.0 420.0 462.0
Test Current IT(mA) 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
Clamping Voltage @IPPM VC(V) 10.5 11.3 12.1 13.4 14.5 15.6 16.7 18.2 21.2 22.5 25.2 27.7 30.6 33.2 37.5 41.4 45.7 49.9 53.9 59.3 64.8 70.1 77.0 85.0 92.0 103.0 113.0 125.0 137.0 152.0 165.0 179.0 207.0 219.0 234.0 246.0 274.0 328.0 344.0 414.0 482.0 548.0 602.0
Peak Pulse Current IPPM (A) 57.1 53.1 50.0 45.0 41.0 38.0 36.0 33.0 28.0 27.0 24.0 22.0 20.0 18.1 16.0 14.5 13.2 12.0 11.2 10.1 9.3 8.6 7.8 7.1 6.5 5.8 5.3 4.8 4.4 4.0 3.6 3.4 2.9 2.7 2.6 2.4 2.2 1.9 1.8 1.5 1.3 1.1 1.0
Reverse Leakage VRWM IR (uA)* 1000 500 200 50 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
* For bidirectional parts with VRWM<10V, the IR max limit is doubled.
P6KE6V8(C)A - P6KE440(C)A, Rev. D
P6KE6V8(C)A - P6KE440(C)A
Transient Voltage Suppressors
(continued)
Typical Characteristics
100
100
TA = 25 C
75 Pulse Power [%]
Pulse Power [kW]
10
50
1
25
0.1 0.0001
0
0.001
0.01 0.1 Pulse Width [ms]
1
10
0
25
50 75 100 125 150 Ambient Temperature [C]
175
200
Figure 1. Peak Pulse Power Rating Curve
Figure 2. Pulse Derating Curve
150
tf = 10sec
Total Capacitance, CT [pF]
Peak Pulse Current [%]
100
Peak Value Ippm
T A = 25 C Pulse Width (td) is Defined as the Point Where the Peak Current Decays to 50% of Ipp
6000 4000 2000 1000 500 200 100 50 20
Measured at Stand-Off Voltage (V mw)
T A = 25 C f = 1.0 MHz Visg = 50m Vp-p Measured at Zero Bias
Half Value-Ipp 2
50
10/1000sec Waveform as Defined by R.E.A.
td
0
e-kt
0
1
2 Time [ms]
3
4
10
1
5 10 50 Reverse Voltage, VR [V]
100
200
Figure 3. Pulse Waveform
Figure 4. Total Capacitance - Unidirectional
Peak Forward Surge Current, IFSM [A]
5
200
T A = T Amax 8.3ms Single Half Sine-Wave JEDEC Method
Power Dissipation [W]
3.75
100
2.5
50
1.25
20
0
0
25
50
75 100 125 150 Lead Temperature [C]
175
200
10
1
2
Figure 5. Steady State Power Derating Curve
5 10 20 Number of Cycles at 60Hz
50
100
Figure 6. Non-Repetitive Surge Current
P6KE6V8(C)A - P6KE440(C)A, Rev. D


▲Up To Search▲   

 
Price & Availability of P6KE8V2A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X